Part Number Hot Search : 
SRS2030 1755606 PBA1500 TC74AC PH103 T3150 S2800 H7806AE
Product Description
Full Text Search
 

To Download EPC3166-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3166-X
* Used in SMPS Flyback Topology * Designed for use with National Semiconductor Chips LM2585 to LM2588 * UL94V-0 Recognized Components * UL1446 Class B Insulation System * Very Low Core Loss * 750 Vrms Isolation
Electrical Parameters @ 25 C
PCA Part Number
Chipset
Xfmr Code V in Pins 1-2
Voltage (Vdc) V out 1 V out 2 V out 3
Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms Sec. 1
Current (Amp. Max.) Sec. 2 Sec. 3
Turns Ratio
Schematic
EPC3166-1
EPC3166-2 EPC3166-5 EPC3166-6 EPC3166-7
LM2587/88 N 1.8 N 1:1 T1 4-6 3.3 N 22 N LM2587/88 N 1.4 N 1:1 T1 4-6 5.0 N 22 N LM2587/88 N 1.2 N 1:1 T1 8-16 12.0 N 22 N LM2585/86 N 2.5 N 1:1 --14-16 11.25 N 22 N LM2587/88 -12 0.3 N 1:2.5:2.5 T2 4-6 12.0 N 22 0.3 LM2585/86 12 1.8 0.25 1:.5:1.15:1.15 T5 18-36 5.0 -12 66 0.25 LM2585/86 -12 0.15 N 1:1.2:1.2 T6 4-6 12.0 N 65 0.15 LM2585/86 -12 0.6 N 1:1.2:1.2 T6 18-36 12.0 N 65 0.6 LM2585/86 N 1.4 N 1:1 T7 4-6 3.3 N 47 N LM2585/86 N 1.0 N 1:1 T7 4-6 5.0 N 47 N LM2585/86 N 0.8 N 1:1 T7 8-16 12.0 N 47 N LM2585/2586/2587 Switching Frequency : 100 KHz * LM2588 Switching Frequency : 200 KHz * * Note : "N" means Not Required/No Connections *
A A A A B C B B A A A
Package
.787 Max. (20.00) White Dot Pin # 1
PCA EPC3166-X D.C
Schematic A
2 Vin 1 .689 Max. (17.50) 8 7 Vout 1
Side
.150 Min. (3.80) .150 (3.80)
1 4
Schematic B
7 Vout 1 2 Vin 1 8 6 Vout 2 5 Vin 1 2
Schematic C
7 Vout 1 8 6 Vout 2 5 3 Vout 3 4
.026 (.650)
.669 Max. (17.00)
8 5
.514 (13.05)
Bottom
.201 (5.10)
.118 Max. (3.00)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3166-X Rev. 3 2/25/04 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3166-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X